Part Number Hot Search : 
TY0137A TLS263P SS12SDP2 63A05 MPSH10 MM3Z12 IRS2505L M38511F5
Product Description
Full Text Search
 

To Download B240004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  title scale date dr dwg rev the information contained in this document is proprietary to e-switch and is not to be copied or transferred sheet of rev pcr no description date by lp4ee1rbatr 2 = 1 11/10/2008 B240004 d rc 1 1 200 1.9-2.5 luminous intensity @ 10ma forward voltage @20ma mcd led specs forward current red 20 ma v units 1 l1 2 3 l2 4 5 6 l1 4 5 6 l2 2 l1 l2 1 4 5 6 3 1 4 + red led l2 l1 _ 16.30 [.642 in] 8.80 [.346 in] 10.40 [.409 in] 7.50 [.295 in] 6.25 [.246 in] 2.50 [.098 in] 1.25 [.049 in] 5.00 [.197 in] 5.00 [.197 in] 2.50 [.098 in] 7.60 [.299 in] 7.80 [.307 in] notes: 1. all dimensions in mm [inch] 2. general tolerance: x.x=0.4 x.xx=0.25 3. terminal numbers for ref only 4. contact rating: current: 100ma voltage: 30 vdc 5. operating life: 50,000 make-and-break cycles 6. insulation resistance: 500vdc, 100m ohm. min. 7. operating force: 250gf 100 grams 8. operating temp.: -20c to 70c 9. travel: 1.00 0.3mm lock 1.50 0.3mm full travel 10. contact resistance: 50 m ohm. max. 11. denotes critical parameter. 12. 2002/95/ec (rohs) compliant 13. led color: red 14. parts to be tray packaged, 90 pieces per tray. pcb layout circuit diagram push 1 2 3 4 5 6 a 18316 new release 11/13/08 rc 3.50 [.138 in] b 18362 add note 14, add term length 12/22/08 rc n .90 [.035 in] (8) 2.50 [.098 in] 5.00 [.197 in] 2.50 [.098 in] 7.60 [.299 in] 5.00 [.197 in] 2.50 [.098 in] 5.00 [.197 in] n 1.00 [.039 in] (2) 1.25 [.049 in] c 19513 correct dim / update drawing 12/09/10 bma d .30 [.012 in] .25 [.010 in] 2.50 [.098 in] d 19601 update drawing 1/19/11 bgl d d


▲Up To Search▲   

 
Price & Availability of B240004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X